Part Number Hot Search : 
MC58110 MK325B CES2313 C2510 0T120 SW201 150D1 SW201
Product Description
Full Text Search
 

To Download QY21XXF230VAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Power Relay QY
General purpose 10 amp Power Relay available in 2PCO Plug-in, PCB, chassis mount Arc barriers prevent flashover between contacts High reliability/long life expectancy UL/cUL approved
Options and ordering codes
QY
General purpose power relay
2
1
XXF
230VAC
For coil voltage see table
2 pole changover
2
Plug-in Printed circuit board
1 2 XX F Clear case Flange cover
Specification
Type Rated load Rated current Maximum switching voltage Operate time Release time Dielectric strength Ambient operating temperature Mechanical service life Electrical service life Contact material Power consumption -40 to +70C 20 million ops minimum 100,000 ops at rated load AgSnO 1.2VA AC 0.9 watts DC Resistive 10A @ 240V AC/28V DC 10A 250VAC/28VDC 25m sec max 25m sec max 1500V AC 50/60Hz for 1 min -40 to +70C Inductive 7.5A @ 240V AC, 5A @ 28V DC
Coil Data
Rated Voltage 12 24 110 230 AC Coils. Coil resistance 46 184 4550 14400 DC Coils. Coil resistance 160 650 11000 -
QY/02/05
www.imopc.com
General Purpose Power Relay QY
continued
Outline dimensions (mm)
21.5
35 10 4.6 4
21.5
35 10 0.6 4.6 6 2 4 7 0.6 5 41.4 14.2
0.5
28
6
0.6 41.4
5
21.5
7
14.2
27.5
DIN Socket SRH2-C
35 3 4.6 4 2 10 3.5 5 3.5 27 33.5
0.5
27.5
38
43
78 4 5 3.5 1 3
6
7
0.6 14.2 41.4
Clip included
PCB layout
14.2
Terminal arrangement
2 4
19.4 5 13 7 4.6 6
4
5
35
23.6
7 o2.5-8 5.5
8
10
3.4
QY/02/05
www.imopc.com


▲Up To Search▲   

 
Price & Availability of QY21XXF230VAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X